Part Number Hot Search : 
31ACD UDA1361 IRF6721 TC1920 12500 NZH27C D1162 Z10CP
Product Description
Full Text Search
 

To Download B84143V0320R290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3-line sine-wave EMC output filters for converters and power electronics
& SineFormer % 690 VAC, 95A, 180 A, 320A, 40 C
Ordering code: Date: Version:
B84143V*R290 2008-02-04 01
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Construction S 3-line sinus emc output filter S Metal case Features S Supersede shielded motor cables S Motor noise reduction S Reduction of bearing current S dv/dt reduction S Easy to install S Compact design S Degree of protection IP 20 1) S Design complies with EN 60939, UL 1283, CSA 22.2 No.8 S Optimized for long motor cable (up to 1000 m) and operation under full load S No integrated forced ventilation (maintenance-free) S Connection to converter DC-link is not necessary S Reducing eddy current losses Applications S Frequency converters for motor drives, e.g. - elevators - pumps - traction systems - conveyer systems - HVAC systems (heating, ventilation and air conditioning) S Power supplies Terminals S Line side ( to converter): shielded cable up to 180 A S Load side (to motor): save to touch terminals up to 180 A Marking S Marking on component: manufacturer's logo, ordering code, rated voltage, rated current, rated motor frequency, rated switch frequency, rated temperature, climatic category, date code S Minimum marking on packaging: manufacturer's logo, ordering code, date code, quantity
1)
To IEC 60529:2001
Please read Important notes and Cautions and warnings at the end of this document.
Page 2 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Typical circuit diagram converter
U1 V1 W1
motor
U2 V2 W2
Technical data and measuring conditions Rated voltage UR Rated current IR Test voltage UP Frequency Motor Pulse (Switch) 760 VAC Referred to 40C ambient temperature
2200 V DC, 2 s (line/line) 2800 V DC, 2 s (line/case) 0 - 100 Hz 4-8 kHz; (320 A: 2,5-3 kHz)
1.5 @ IR for 60 s per hour 5 kV/s See page 5 In accordance with EN 60068-1 25/100/21 (-25 C/ +100 C/ 21 days damp heat test)
Overload capability Max. dv/dt on Filter input Convection distance to other devices Climatic category Vibration (Sine) Shock (half sine)
According to DIN IEC60068-2-6 10 cycle, 1 Oct./min., 3-13 Hz: 3 mm,13-200 Hz: 1 g 15 g, 11 ms, 3 axis, 3 shocks per direction 18 total
Current (IR) derating depending on From 1000-4000 m 5 % / 1000 m altitude Current (IR) derating depending on From 40-60 C ambient temperature Temperature Noise *
*) see
*
10 % / 5 C
Inside iron-choke 130 _C; housing 70 _C 72 dB(A)
cautions and warnings
Page 3 of 11 B84143-V*-R147-01-7659
Please read Important notes and Cautions and warnings at the end of this document.
3-line sine-wave emc output filters for converters and power electronics
& SineFormer %
B84143V*R290
Characteristics and ordering codes IR Terminal Voltage drop mm2 50 150 see page 9 % 10 10 10
Losses Rtyp at 100 Hz
Approx. weight kg 99 125 235
Ordering code
Approvals
A
W 250 400 750
m 8 6 1
95 (120 A*)
180
B84143V0095R290 B84143V0180R290 B84143V0320R290
320 (400 A*)
*)
X = New ordering code will notified to UL file = Calculated for duty cycle (Ed.) 60%. Acceleration max. 6 s, brake max. 6 s @ 1x minute
Please read Important notes and Cautions and warnings at the end of this document.
Page 4 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Convection space (cabinet fan recommended)
>200mm
>100mm
>100mm
>200mm >200mm
Please read Important notes and Cautions and warnings at the end of this document.
Page 5 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Dimensional drawings B84143V0095R290
L
Please read Important notes and Cautions and warnings at the end of this document.
Page 6 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Dimension data for previous page B84143V0095R290
B84143V0095R290
Please read Important notes and Cautions and warnings at the end of this document.
Page 7 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Dimensional drawing B84143V0180R290
.
2 2
Please read Important notes and Cautions and warnings at the end of this document.
Page 8 of 11
B84143-V*-R147-01-7659
3-line sine-wave EMC output filters
for converters and power electronics
& SineFormer %
B84143V*R290
Dimensional drawing B84143V0320R290
B:
Converter
Motor
A:
Please read Important notes and Cautions and warnings at the end of this document.
Page 9 of 11
B84143-V*-R147-01-7659
3-line sine-wave emc output filters for converters and power electronics
& SineFormer %
B84143V*R290
Cautions and warnings S Please note the advices in our data book "EMC Filters" (latest edition); attention should be paid to the chapter "General safety notes". S It shall be ensured that only qualified persons (electricity specialists) are engaged on work such as planning, assembly, installation, operation, repair and maintenance. They must be provided with the corresponding documentation. S Danger of electric shock. SineFormer contain components that store an electric charge. Dangerous voltages can continue to exist at the filter terminals for longer than five minutes even after the power has been switched off. S The protective earth connections shall be the first to be made when the SineFormer is installed and the last to be disconnected. Depending on the magnitude of the leakage currents, the particular specifications for making the protective-earth connection must be observed. S Impermissible overloading of the SineFormer, such as with circuits able to cause resonances, impermissible voltages at higher frequencies etc. can lead to bodily injury and death as well as cause substantial material damages (e.g. destruction of the filter housing). S SineFormer must be protected in the application against impermissible exceeding of the rated currents by overcurrent protective. S In case of leakage currents > 3.5 mA you shall mount the PE conductor stationary with the required cross section before beginning of operation and save it against disconnecting. For leakage currents IL 4) < 10 mA the PE conductor must have a KU value 3) of 4.5; for leakage currents IL q 10 mA the PE conductor must have a KU value of 6. S The information, specifications and values contained in this data sheet are based on our knowlege of typical requirements that are often placed on SineFormer. It is incumbent on the customer to check and decide whether this SineFormer is suitable for use in a particular application. In particular the values with regard to "temperature" and "noise" have to be observed.
3) The KU value (symbol KU) is a classification parameter of safety-referred failure types designed to ensure protection against hazardous body currents and excessive heating. A value of KU = 4.5 with respect to interruptions is attained: - with a permanently connected protective earth circuit w 1.5 mm2 - with a protective earth circuit w 2.5 mm2 connected via shroud connectors (IEC 60309-2). KU = 6 with respect to interruptions is achieved for fixed-connection lines w 10 mm2 where the type of connection and line layout correspond to the requirements for PEN conductors as specified in relevant standards. 4) IL = leakage current
Please read Important notes and Cautions and warnings at the end of this document.
Page 10 of 11
B84143-V*-R147-01-7659
3-line sine-wave emc output filters for converters and power electronics
& SineFormer %
B84143V*R290
Important notes
The following applies to all products named in this publication:
1. Some parts of this publication contain statements about the suitability of our products for cer-
tain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statement cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application.
2. We also point out that in individual cases, a malfunction of passive electronic components or
failure before end of their usual service life time cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component.
3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publica-
tion may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices.
5. We constantly strive to improve our products. Consequently, the products described in this publi-
cation may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order.
IWe also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders subject to the current version of the
"General Terms of Delivery for Products and Services in the Electrical Industry" published by the the German Electrical and Electronics Industry Association (ZVEI).
7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, MiniBlue, MKK, MLSC, MotorCAP,
PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
1
Please read Important notes and Cautions and warnings at the end of this document.
Page 11 of 11
B84143-V*-R147-01-7659


▲Up To Search▲   

 
Price & Availability of B84143V0320R290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X